Part Number Hot Search : 
OP1338T 1N3664 TEA5767 BYD67A RF201 SH3000EK F9Z34 HMC14
Product Description
Full Text Search
 

To Download CD2320-B11000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

Applications

NT
Lead free as standard RoHS compliant* Low power loss & high efficiency High current capability Low profile package
AC operated products Computer monitors Set top boxes Cable modems
*R
oH
S
CO
M
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Bridge Rectifier Diodes for rectification applications, in compact chip package 2320 size format, which offer PCB real estate savings and are considerably smaller than most competitive parts. The Bridge Rectifier Diodes offer a forward current of 1 A with a choice of repetitive peak reverse voltages between 200 V and 1000 V. Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) CD2320Parameter Symbol B1200 B1400 B1600 B1800 B11000 1000 700 1000 Unit
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (TA = 55 C) DC Reverse Current @ Rated DC Blocking Voltage (@TJ = 25 C) DC Reverse Current @ Rated DC Blocking Voltage (@TJ = 150 C) Typical Junction Capacitance1 Maximum Instantaneous Forward Voltage @ 1 A Typical Thermal Resistance
2
VRRM VRMS VDC I(AV) IR IR CJ VF RJL IFSM
200 140 200
400 280 400
600 420 600 1.0 5 200 25 1 110 30
800 560 800
V V V A A A pF V C/W A
Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method)
Notes: 1 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC. 2 Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2 (5.0 mm x 5.0 mm) copper pad areas.
Thermal Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Operating Temperature Range Storage Temperature Range Symbol TJ TSTG CD2320-B1200~B11000 -55 to +175 -55 to +175 Unit C C
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
Product Dimensions This is a lead free product, packaged with FRP substrate and is epoxy underfilled. The terminals are pure tin plated (lead free) and are solderable per MIL-STD-750, Method 2026. The package weighs approximately 0.07 g. The package and dimensions are shown below.
A B
Dimensions A B C
F C
5.20 - 5.40 (0.205 - 0.213) 4.10 - 4.30 (0.161 - 0.169) 5.70 - 5.90 (0.224 - 0.232) 1.00 - 1.20 (0.039 - 0.047) 0.85 - 0.95 (0.033 - 0.037) 1.10 - 1.30 (0.043 - 0.051)
D E F
D E
MM DIMENSIONS: (INCHES)
How To Order
Recommended Footprint
4.10 - 4.30 (0.161 - 0.169)
CD 2320 - B 1 800
Common Code Chip Diode Package * 2320 = 23 x 20 Model B = Schottky Rectifier Series Current 1=1A Working Peak Reverse Voltage 800 = 800 VRWM (Volts)
Typical Part Marking
7.42 MAX. (0.292)
MANUFACTURER'S TRADEMARK FORWARD CURRENT x 100 mA DATE CODE
VRMS = 800 V
1.60 (0.063)
1.00 (0.040) DIMENSIONS: MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
Rating and Characteristic Curves Forward Current Derating Curve
Average Forward Rectified Current (Amps) 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 Ambient Temperature (C)
Maximum Non-Repetitive Peak Forward Surge Current
Peak Forward Surge Current (Amps) 40 35 30 25 20 15 10 5 0 1 10 Number of Cycles at 60 Hz 100 Pulse Width 8.3 ms Single Half Sine-Wave (JEDEC Method)
Forward Characteristics
10.00
Reverse Characteristics
100
Instantaneous Forward Current (Amps)
1.00
Instantaneous Reverse Current (mA)
10.0
TJ = 100 C
1.0
0.10
0.10
TJ = 25 C
TJ = 25 C Pulse Width = 300 S 0.01 0.2 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 20 40 60 80 100 120 140 Instantaneous Forward Voltage (Volts) Percent of Rated Peak Reverse Voltage (%)
Typical Junction Capacitance
100 Junction Capacitance (pF) TJ = 25 C
10
1 0.1
0.2
0.4
1.0 2 4 10 Reverse Voltage (Volts)
20
40
100
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD2320-B1200~B11000 Surface Mount Bridge Rectifier Diode
Packaging Information
The surface mount product is packaged in an 12 mm x 8 mm tape and reel format per EIA-481 standard.
P 0 P 1
d
E Index Hole
T
120 F W B D2 D1 D
P Trailer
A Device
C Leader W1 Start MM (INCHES)
End
....... ....... ....... ....... ....... ....... ....... .......
10 pitches (min.) 10 pitches (min.)
DIMENSIONS:
Direction of Feed
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
Symbol A B C d D D1 D2 E F P P0 P1 T W W1 --
2320
5.90 0.10 (0.232 - 0.004) 6.50 0.10 (0.256 - 0.004) 1.50 0.10 (0.059 - 0.004) 1.55 0.05 (0.061 - 0.002) 330 (12.992) 50.0 Min. (1.969) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004) 5.50 0.05 (0.217 - 0.002) 8.00 0.10 (0.315 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.20 0.10 (0.008 - 0.004) 12.00 0.20 (0.472 - 0.008) 18.7 Max. (0.736)
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com 07/06
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
COPYRIGHT(c) 2005, BOURNS, INC. LITHO IN U.S.A. IPA0610 06/05
5,000


▲Up To Search▲   

 
Price & Availability of CD2320-B11000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X